PART |
Description |
Maker |
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
MX28F160C3TXAC-11G MX28F160C3BXAC-11 MX28F160C3BXA |
16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 110 ns, PBGA48
|
Macronix International Co., Ltd. PROM MACRONIX INTERNATIONAL CO LTD
|
MX29VL320MBMI-10G MX29VL320MBMI-10R MX29VL033MBTI- |
128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 8M X 16 FLASH 3V PROM, 100 ns, PDSO56 128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
|
MACRONIX INTERNATIONAL CO LTD Macronix International Co., Ltd.
|
LPC2478FET208551 LPC247808 |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface, SOT950-1 (TFBGA208), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA208
|
NXP Semiconductors N.V.
|
29LV160C-55R 29LV160C-70 29LV160C-90 MX29LV160CTMI |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 70 ns, PDSO44 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PDSO44 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PDSO48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 70 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Macronix International Co., Ltd. PROM MACRONIX INTERNATIONAL CO LTD
|
ST72C215G2B6 ST72C215G2M6_TR ST72C215G2M6 ST72254G |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI,
|
STMicroelectronics
|
ST72216G1B7 ST72C216G1B7 ST72216G1M1 ST72C216G1M1 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI,
|
ST Microelectronics
|
29LV800BT-70 29LV800BB-70 29LV800BB-90 29LV800BT-9 |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Macronix International Co., Ltd.
|
ST7LITE49M ST7FLI49MK1B6 ST7FLI49MK1T6 |
8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and IC interface
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72C124J2B1 ST72C124J2B3 ST72C124J2B6 ST72C124J2B |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72124J2B ST72124J2B1_XXX ST72124J2B3_XXX ST72124 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72104GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
|